Part Number Hot Search : 
C0603X RU7570L RBC23 AQW210 004A0 004A0 4570A APTGT1
Product Description
Full Text Search
 

To Download GBJ15005-BP Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MCC
TM
Micro Commercial Components
omponents 20736 Marilla Street Chatsworth !"# $
% !"#
GBJ15005 THRU GBJ1510
15 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
GBJ
I A H
Features
Lead Free Finish/RoHS Compliant (NOTE 1)("P" Suffix designates RoHS Compliant. See ordering information)
Ideal for printed circuit board Low forward voltage drop, high current capability.
Case Material: Molded Plastic. UL Flammability Classification Rating 94V-0 and MSL Rating 1
Maximum Ratings
Operating Temperature: -55C to +150C Storage Temperature: -55C to +150C Typical Thermal Resistance 0.8C/W J to C (With heatsink) Typical Thermal Resistance 3.5C/W J to L (Without heatsink) Typical Thermal Resistance 12C/W J to A (Without heatsink) UL Recognized File # E165989 MCC Device Maximum Maximum Maximum Catalog Marking Reccurrent RMS DC Number Peak Reverse Voltage Blocking Voltage Voltage GBJ15005 GBJ15005 50V 35V 50V GBJ1501 GBJ1501 100V 70V 100V GBJ1502 GBJ1502 200V 140V 200V GBJ1504 GBJ1504 400V 280V 400V GBJ1506 GBJ1506 600V 420V 600V GBJ1508 GBJ1508 800V 560V 800V GBJ1510 GBJ1510 1000V 700V 1000V * * * * * *
D F
B E
G
+
P L C
M N O O
DIMENSIONS INCHES MIN 1.170 .780 .670 .019 .430 .090 .120 .130 .170 .100 .020 .080 .040 .390 .290 .150 MM MIN 29.70 19.70 17.00 4.70 10.80 2.30 3.10 3.40 4.40 2.50 0.60 2.00 0.90 9.80 7.30 3.80
K J
Electrical Characteristics @ 25C Unless Otherwise Specified
Average Forward Current Peak Forward Surge Current Maximum Instantaneous Forward Voltage Maximum DC Reverse Current At Rated DC Blocking Voltage 2 I t Rating for fusing Typical Junction Capacitance
Notes:
IF(AV) IFSM VF
15 A 240A
Tc = 100C 8.3ms, half sine IFM = 7.5A TJ = 25C
1.05V 10 A 500uA
IR
TJ = 25C TJ = 125C
DIM A B C D E F G H I J K L M N O P
MAX 1.190 .800 .710 .019 .440 .110 .130 .150 .190 .110 .030 .090 .040 .400 .300 .170
MAX 30.30 20.30 18.00 4.90 11.20 2.70 3.40 3.80 4.80 2.90 0.80 2.40 1.10 10.20 7.70 4.20
NOTE
It CJ
2
240A2S (t<8.3ms) 60 pF Measured at 1.0MHz, VR=4.0V
1. High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7 3. Device mounted on 300mm * 300mm *1.6mm Cu Plate Heatsink
~
~
Case Type
Revision: 6
www.mccsemi.com
1 of 3
2008/01/30
RATING AND CHARACTERISTIC CURVES GBJ15005 thru GBJ1510
MCC
Micro Commercial Components
PEAK FORWARD SURGE CURRENT, AMPERES
TM
FIG.1 - FORWARD CURRENT DERATING CURVE
AVERAGE FORWARD CURRENT AMPERES
15 12
SINGLE PHASE HALF WAVE 60Hz RESISTIVE OR INDUCTIVE LOAD WITH HEATSINK
FIG.2 - MAXIMUM NON-REPETITIVE SURGE CURRENT
300 250 200 150 100 50 0 1 2 5 10
Single Half-Sine-Wave (JEDEC METHOD)
9 6
WITHOUT HEATSINK
3
0
20
40
60
80
100
120
140
20
50
100
CASE TEMPERATURE , C
NUMBER OF CYCLES AT 60Hz
FIG.3 - TYPICAL JUNCTION CAPACITANCE
100
FIG.4 - TYPICAL FORWARD CHARACTERISTICS
100
INSTANTANEOUS FORWARD CURRENT ,(A)
10
CAPACITANCE , (pF)
10
TJ = 25 C
1.0
0.1
TJ = 25 C, f = 1MHz
PULSE WIDTH 300us
1.0 1.0 4.0 10.0 100
0.01 0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8
REVERSE VOLTAGE , VOLTS
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
FIG.5 - TYPICAL REVERSE CHARACTERISTICS
1000
INSTANTANEOUS REVERSE CURRENT ,(uA)
TJ = 125 C
100
TJ = 100 C
10
TJ = 50 C
1.0
TJ = 25 C
0.1 0 20 40 60 80 100
PERCENT OF RATED PEAK REVERSE VOLTAGE, (%)
www.mccsemi.com
Revision: 6
2 of 3
2008/01/30
MCC
Micro Commercial Components
TM
Ordering Information
Device (Part Number)-BP Packing Bulk;15pcs/Tube
***IMPORTANT NOTICE*** Micro Commercial Components Corp . reserves the right to make changes without further notice to any product herein to make corrections, modifications , enhancements , improvements , or other changes . Micro Commercial Components Corp . does not assume any liability arising out of the application or use of any product described herein; neither does it convey any license under its patent rights ,nor the rights of others . The user of products in such applications shall assume all risks of such use and will agree to hold Micro Commercial Components Corp . and all the companies whose products are represented on our website, harmless against all damages. ***APPLICATIONS DISCLAIMER*** Products offer by Micro Commercial Components Corp . are not intended for use in Medical, Aerospace or Military Applications.
www.mccsemi.com
Revision: 6
3 of 3
2008/01/30


▲Up To Search▲   

 
Price & Availability of GBJ15005-BP

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X